Part Number Hot Search : 
M161VP 242033NS 3524AN 1H334 25001 SQ644 SW4N60 MC10137L
Product Description
Full Text Search
 

To Download G1205XS-1W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  h h h h h h h h -x -x -x -x -x -x -x -x s s s s s s s s - - - - - - - - 1 1 1 1 1 1 1 1 w w w w w w w w &g &g &g &g &g &g &g &g -x -x -x -x -x -x -x -x s s s s s s s s - - - - - - - - 1 1 1 1 1 1 1 1 w w w w w w w w s s eries eries http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 1 of 4 order code input voltage (v) output voltage (v) output current (ma) ripple&noise 2 (ma) efficiency (%) isolationt capacitane (pf) mttf 1 (khrs) g0505 x s-1w 5 5 100 40 60 3 .0 4950 g0509 x s-1w 5 9 55 30 65 3 .0 3832 g0512 x s-1w 5 12 42 20 65 3 .0 2770 g0515 x s-1w 5 15 33 20 65 3 .0 1903 g1205 x s-1w 12 5 100 40 60 3 .0 3688 g1209 x s-1w 12 9 55 30 65 3 .0 3029 g1212 x s-1w 12 12 42 20 65 3 .0 2324 g1215 x s-1w 12 15 33 20 65 3 .0 1682 h0303 x s-1w 3.3 3.3 303 70 66 3 .0 13780 h0503 x s-1w 5 3.3 303 60 64 3 .0 13460 h0505 x s-1w 5 5 200 50 68 3 .0 13360 h0509 x s-1w 5 9 111 50 72 3 .0 12700 h0512 x s-1w 5 12 83 50 71 3 .0 11490 h0515 x s-1w 5 15 66 50 71 3 .0 9980 h1205 x s-1w 12 5 200 50 69 3 .0 8447 h1209 x s-1w 12 9 111 50 73 3 .0 8176 h1212 x s-1w 12 12 83 50 73 3 .0 7660 h1215 x s-1w 12 15 66 50 74 3 .0 6950 model model model model model model model model selection selection selection selection selection selection selection selection h h h h h h h h 05 05 05 05 05 05 05 05 05 05 05 05 05 05 05 05 x x x x x x x x s s s s s s s s - - - - - - - - 1 1 1 1 1 1 1 1 w w w w w w w w product series input voltage output voltage fixed input s ip package rated power isolated 1w single&dual output dc/dc converters features features features features features features features features rohs compliant efficiency up to 80% power density up to 0.42w/cm 3 wide temperature performance at full 1 watt l oad, - 40 c to 85 c single and dual output uv 94v-0 package material no heatsink required 3 .3 v,5v , 12v in put industry standard pinout footprint 1.91cm 2 6kvdc isolation 3 .3 v,5v,9v,12v and 15v output internal smd construction fully encapsulated with toroidal magnetics no external components required mttf up to 13 million hours no electrolytic or tantalum capacitors custom solutions available applications applications applications applications applications applications applications applications selection selection selection selection selection selection selection selection guide guide guide guide guide guide guide guide the h_ x s-1w&g_ x s-1w series are dual and single output dc/dc converters in a 7 pin sip package style offering pin and functionality compatibility with the e series sip dc/dc converters. the h_ x s-1w&g_ x s-1w series is ul60950 recognized and suitable for applications where safety and miniaturisation are of paramount importance.isolation barrier approved for supplementary/reinforced insulation. absolute absolute absolute absolute absolute absolute absolute absolute maximum maximum maximum maximum maximum maximum maximum maximum ratings ratings ratings ratings ratings ratings ratings ratings short-circuit protection 3 1 second lead temperature 1.5mm from case for 10 seconds 300 c input voltage vin,h/g03 types 5v input voltage vin,h/g05 types 7v input voltage vin,h/g12 types 15v 1.calculated using mil-hdbk-217fn2 calculation model with nominal input voltage at full load. 2.see ripple & noise test method. 3.supply voltage must be disconnected at the end of the short circuit duration. all specifications typical at ta=25 c,nominal input voltage and rated output current unless otherwise specified. parameter conditions min. typ. max units voltage range continuous operation,3v input types 2.97 3.3 3.63 v continuous operation,5v input types 4.5 5 5.5 continuous operation,12v input types 10.8 12 13.2 input input input input input input input input characteristics characteristics characteristics characteristics characteristics characteristics characteristics characteristics microdc reserves the copyright
h h h h h h h h -x -x -x -x -x -x -x -x s s s s s s s s - - - - - - - - 1 1 1 1 1 1 1 1 w w w w w w w w &g &g &g &g &g &g &g &g -x -x -x -x -x -x -x -x s s s s s s s s - - - - - - - - 1 1 1 1 1 1 1 1 w w w w w w w w s s eries eries http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 2 of 4 output output output output output output output output characteristics characteristics characteristics characteristics characteristics characteristics characteristics characteristics parameter conditions min. typ. max. units rated power 1 ta=-40 c to 60 c 1 w voltage set point see tolerance envelope line regulation high v in to low v in 1 .0 1.2 %% load regulation single outputs 10% load to rated load,xx03 10 .0 15 .0 % 10% load to rated load,0505 7 .0 10 .0 10% load to rated load,0509,0512,0515 6 .0 10 .0 10% load to rated load,12xx 5 .0 7 .0 load regulation dual outputs 10% load to rated load,5v output types 10 .0 15 .0 10% load to rated load,9v output types 6 .0 10 .0 % 10% load to rated load,12v output types 6 .0 10 .0 10% load to rated load,15v output types 6 .0 10 .0 zero load power all types 250 mw isolation isolation isolation isolation isolation isolation isolation isolation characteristics characteristics characteristics characteristics characteristics characteristics characteristics characteristics parameter conditions min. typ. max. units isolation test voltage flash tested for 1 second 5200 vdc resistance viso=500vdc 1 g general general general general general general general general characteristics characteristics characteristics characteristics characteristics characteristics characteristics characteristics parameter conditions min. typ. max. units switching frequency single output 45 khz dual output 70 temperature temperature temperature temperature temperature temperature temperature temperature characteristics characteristics characteristics characteristics characteristics characteristics characteristics characteristics parameter conditions min. typ. max. units specification all output types -40 60 c storage -55 130 case tempetature above all output types 33 temperature temperature temperature temperature temperature temperature temperature temperature derating derating derating derating derating derating derating derating graph graph graph graph graph graph graph graph tolerance tolerance tolerance tolerance tolerance tolerance tolerance tolerance envelope envelope envelope envelope envelope envelope envelope envelope h -x s/g -x s-1w 3.3v in,3v out type only 1.see derating graph. all specifications typical at ta=25 c, nominal input voltage and rated output current unless otherwise specified.another 24v& 48v products, please inquire our technical department!
h h h h h h h h -x -x -x -x -x -x -x -x s s s s s s s s - - - - - - - - 1 1 1 1 1 1 1 1 w w w w w w w w &g &g &g &g &g &g &g &g -x -x -x -x -x -x -x -x s s s s s s s s - - - - - - - - 1 1 1 1 1 1 1 1 w w w w w w w w s s eries eries http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 3 of 4 technical technical technical technical technical technical technical technical notes notes notes notes notes notes notes notes isolation isolation isolation isolation voltage voltage voltage voltage "hi pot test","flash tested","withstand voltage","proof voltage","dielectric withstand voltage"& isolation test voltage" are all terms that relate to the same thing, a test voltage. applied for a specified time, across a component designed to provide electrical isolation, to verify the integrity of that isolation. professional power module h_s-1w&g_s-1w series of dc/dc converters are all 100% production tested at their stated isolation voltage. this is 6kvdc for 1 second. a question commonly asked is,"what is the continuous voltage that can be applied across the part in normal operation?" the h_s-1w&g_s-1w series has been recognized by underwriters laboratory to 300vrms for supplementary insulation and 150vrms for reinforced insulation. repeated repeated repeated repeated high-voltage high-voltage high-voltage high-voltage isolation isolation isolation isolation testing testing testing testing it is well known that repeated high-voltage isolation testing of a barrier component can actually degrade isolation capability, to a lesser or greater degree depending on materials. construction and environment. we therefore strongly advise against repeated high voltage isolation testing. but if it is absolutely required, that the voltage be reduced by 20% from specified test voltage. output output output output output output output output ripple ripple ripple ripple ripple ripple ripple ripple reduction reduction reduction reduction reduction reduction reduction reduction by using the values of inductance and capacitance stated, the output ripple at the rated load is lowered to 5mv p-p max. component component component component selection selection selection selection capacitor: ceramic chip capacitors are recommended. it is required that the esr(equivalent series resistance)should be as low as possible.x7r types are recommended. the voltage rating should be at least twice(except for 15v output),the rated output voltage of the dc/dc converter. inductor: the rated current of the inductor should not be less than of the output of the dc/dc converter. at the rated current, the dc resistance of the inductor should be such that the voltage drop across the inductor is <2% of the rated voltage of the dc/dc converter. the srf(self resonant frequency) should be >20mhz. single output types dual output types output output output output output output output output ripple ripple ripple ripple ripple ripple ripple ripple reduction reduction reduction reduction reduction reduction reduction reduction ripple & noise characterisation method ripple and noise measurements are performed with the following test configuration. c1 1uf x7r multilayer ceramic capacitor, voltage rating to be a minimum of 3 times the output voltage of the dc/dc converter c2 10uf tantalum capacitor, voltage rating to be a minimum of 1.5 times the output voltage of the dc/dc converter c3 100nf multilayer ceramic capacitor, general purpose r1 450 resistor, carbon film, 1% tolerance r2 50 bnc termination t1 3t of the caox cable through a ferrite toroid rload resistive load to the maximum power rating of the dc/dc converter. connections should be made via twisted wires r3 50 resistor, carbon film, 1% measured values are multiplied by 10 to obtain the specified values. differential differential differential differential mode mode mode mode noise noise noise noise test test test test schematic schematic schematic schematic
h h h h h h h h -x -x -x -x -x -x -x -x s s s s s s s s - - - - - - - - 1 1 1 1 1 1 1 1 w w w w w w w w &g &g &g &g &g &g &g &g -x -x -x -x -x -x -x -x s s s s s s s s - - - - - - - - 1 1 1 1 1 1 1 1 w w w w w w w w s s eries eries http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 4 of 4 package package package package package package package package specifications specifications specifications specifications specifications specifications specifications specifications mechanical mechanical mechanical mechanical mechanical mechanical mechanical mechanical dimensions dimensions dimensions dimensions dimensions dimensions dimensions dimensions sip sip sip sip sip sip sip sip package package package package package package package package *pin not fitted on single output variants. all dimensions in inches 0.01(mm 0.25mm).all pins on a 0.1(2.54) pitch and within 0.01(0.25)of true position. weight: 4.3g pin pin pin pin pin pin pin pin connections connections connections connections connections connections connections connections single single single single single single single single output output output output output output output output dual dual dual dual dual dual dual dual output output output output output output output output pin pin pin pin pin pin pin pin connections-7 connections-7 connections-7 connections-7 connections-7 connections-7 connections-7 connections-7 pin pin pin pin pin pin pin pin sip sip sip sip sip sip sip sip pin pin pin pin function function function function 1 1 +vin +vin 2 2 -vin -vin 5 5 -vout -vout 7 7 +vout +vout pin pin pin pin pin pin pin pin connections-7 connections-7 connections-7 connections-7 connections-7 connections-7 connections-7 connections-7 pin pin pin pin pin pin pin pin sip sip sip sip sip sip sip sip pin pin pin pin function function function function 1 1 +vin +vin 2 2 -vin -vin 5 5 -vout -vout 6 6 0v 0v 7 7 +vout +vout recommended recommended recommended recommended recommended recommended recommended recommended footprint footprint footprint footprint footprint footprint footprint footprint details details details details details details details details 7 7 7 7 pin pin pin pin sip sip sip sip package package package package *hole not required for single output variants. unless otherwise stated all dimensions in inches 0.01(mm 0.25mm). tube tube tube tube tube tube tube tube outline outline outline outline outline outline outline outline dimensions dimensions dimensions dimensions dimensions dimensions dimensions dimensions 7 7 7 7 pin pin pin pin sip sip sip sip tube tube tube tube unless otherwise stated all dimensions in inches 0.02(mm 0.5mm). tube length(7 pin sip):20.669(525mm 2mm). tube quantity:25 microdc professional power module,inc. tel:0086-20-86000646 e-mail:tech@microdc.cn website:http://www.microdc.cn microdc professional power module,inc.makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. specifications are subject to change without notice. 2010 microdc professional power module, inc. guangzhou rohs rohs rohs rohs compliant compliant compliant compliant information information information information this series is compatible with rohs soldering systems with a peak wave solder temperature of 300 c for 10 seconds. the pin termination finish on the sip package type is tin plate, hot dipped over matte tin with nickel preplate. the dip types are matte tin over nickel preplate. both types in this series are backward compatible with sn/pb soldering systems. reach reach reach reach compliant compliant compliant compliant information information information information this series has proven that this product does not contain harmful chemicals, it also has harmful chemical substances through the registration, inspection and approval.


▲Up To Search▲   

 
Price & Availability of G1205XS-1W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X